Part Number Hot Search : 
LTC1040M 5DT1DSTF NJU26060 BUYP52 2045C UM3161AG CJF6107 1602B
Product Description
Full Text Search
 

To Download GAL16V8D-10LD833 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GAL16V8/883
High Performance E2CMOS PLD Generic Array LogicTM Features
* HIGH PERFORMANCE E2CMOS(R) TECHNOLOGY -- 7.5 ns Maximum Propagation Delay -- Fmax = 100 MHz -- 6 ns Maximum from Clock Input to Data Output -- TTL Compatible 12 mA Outputs -- UltraMOS(R) Advanced CMOS Technology * 50% REDUCTION IN POWER FROM BIPOLAR -- 75mA Typ Icc * ACTIVE PULL-UPS ON ALL PINS (GAL16V8D-7 and GAL16V8D-10) * E CELL TECHNOLOGY -- Reconfigurable Logic -- Reprogrammable Cells -- 100% Tested/100% Yields -- High Speed Electrical Erasure (<100ms) -- 20 Year Data Retention * EIGHT OUTPUT LOGIC MACROCELLS -- Maximum Flexibility for Complex Logic Designs -- Programmable Output Polarity -- Also Emulates 20-pin PAL(R) Devices with Full Function/ Fuse Map/Parametric Compatibility * PRELOAD AND POWER-ON RESET OF ALL REGISTERS -- 100% Functional Testability * APPLICATIONS INCLUDE: -- DMA Control -- State Machine Control -- High Speed Graphics Processing -- Standard Logic Speed Upgrade * ELECTRONIC SIGNATURE FOR IDENTIFICATION
I 8 I OLMC
OE
Functional Block Diagram
I/CLK
CLK
8 I 8 I
OLMC
I/O/Q
OLMC
I/O/Q
PROGRAMMABLE AND-ARRAY (64 X 32)
8
OLMC
I/O/Q
2
I
8
OLMC
I/O/Q
I
8
OLMC
I/O/Q
I
8
OLMC
I/O/Q
I 8 OLMC I/O/Q
I/O/Q
I/OE
Description
The GAL16V8/883 is a high performance E2CMOS programmable logic device processed in full compliance to MIL-STD-883. This military grade device combines a high performance CMOS process with Electrically Erasable (E2) floating gate technology to provide the highest speed/power performance available in the 883 qualified PLD market. The GAL16V8D/883, at 7.5ns maximum propagation delay time, is the world's fastest military qualified CMOS PLD. The generic GAL architecture provides maximum design flexibility by allowing the Output Logic Macrocell (OLMC) to be configured by the user. The GAL16V8/883 is capable of emulating all standard 20-pin PAL(R) devices with full function/fuse map/parametric compatibility. Unique test circuitry and reprogrammable cells allow complete AC, DC, and functional testing during manufacture. Therefore, Lattice Semiconductor delivers 100% field programmability and functionality of all GAL products. In addition, 100 erase/write cycles and data retention in excess of 20 years are specified.
Pin Configuration
CERDIP LCC
I/CLK I
I 3 I I I I I 8 9 I GND 11 I/OE I/O/Q 13 I/O/Q 6 4 I 2 I/CLK Vcc 20 I/O/Q 19 18 I/O/Q I/O/Q
1
20
Vcc I/O/Q I/O/Q
I I I I I 5
GAL 16V8
15
I/O/Q I/O/Q I/O/Q I/O/Q I/O/Q I/O/Q
GAL16V8
Top View
16
I/O/Q I/O/Q
14
I/O/Q
I I GND 10 11
I/OE
Copyright (c) 1999 Lattice Semiconductor Corp. All brand or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject to change without notice.
LATTICE SEMICONDUCTOR CORP., 5555 Northeast Moore Ct., Hillsboro, Oregon 97124, U.S.A. Tel. (503) 268-8000; 1-800-LATTICE; FAX (503) 268-8556; http://www.latticesemi.com
February 1999
16v8mil_03
1
Specifications GAL16V8D-7/10/883
Absolute Maximum Ratings(1)
Supply voltage VCC ...................................... -0.5 to +7V Input voltage applied .......................... -2.5 to VCC +1.0V Off-state output voltage applied ......... -2.5 to VCC +1.0V Storage Temperature ................................ -65 to 150C Case Temperature with Power Applied ........................................ -55 to 125C
1.Stresses above those listed under the "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress only ratings and functional operation of the device at these or at any other conditions above those indicated in the operational sections of this specification is not implied (while programming, follow the programming specifications).
Recommended Operating Conditions
Case Temperature (TC) .............................. -55 to 125C Supply voltage (VCC) with Respect to Ground ..................... +4.50 to +5.50V
DC Electrical Characteristics
Over Recommended Operating Conditions (Unless Otherwise Specified)
SYMBOL
PARAMETER Input Low Voltage Input High Voltage Input or I/O Low Leakage Current Input or I/O High Leakage Current Output Low Voltage Output High Voltage Low Level Output Current High Level Output Current Output Short Circuit Current Operating Power Supply Current
CONDITION
MIN.
Vss - 0.5
TYP.3 -- -- -- -- -- -- -- -- -- 75
MAX. 0.8 Vcc+1
UNITS V V A A V V mA mA mA mA
VIL VIH IIL1 IIH VOL VOH IOL IOH IOS2 ICC
2.0 0V VIN VIL (MAX.) 3.5V VIN VCC IOL = MAX. Vin = VIL or VIH IOH = MAX. Vin = VIL or VIH -- -- -- 2.4 -- -- VCC = 5V VOUT = 0.5V TA= 25C L-7/-10 -30 --
-100
10 0.5 -- 12 -2 -150 130
VIL = 0.5V VIH = 3.0V ftoggle = 15MHz Outputs Open
1) The leakage current is due to the internal pull-up on all pins. See Input Buffer section for more information. 2) One output at a time for a maximum duration of one second. Vout = 0.5V was selected to avoid test problems caused by tester ground degradation. Characterized but not 100% tested. 3) Typical values are at Vcc = 5V and TA = 25 C
2
Specifications GAL16V8D-7/10/883
AC Switching Characteristics
Over Recommended Operating Conditions
PARAMETER
TEST COND1. A A -- -- -- A
DESCRIPTION Input or I/O to Combinational Output Clock to Output Delay Clock to Feedback Delay Setup Time, Input or Feedback before Clock Hold Time, Input or Feedback after Clock Maximum Clock Frequency with External Feedback, 1/(tsu + tco) Maximum Clock Frequency with Internal Feedback, 1/(tsu + tcf) Maximum Clock Frequency with No Feedback Clock Pulse Duration, High Clock Pulse Duration, Low Input or I/O to Output Enabled OE to Output Enabled Input or I/O to Output Disabled OE to Output Disabled 1 1 -- 7 0 76.9
-7 MIN. MAX. 7.5 6 6 -- -- --
-10 MIN. MAX. 2 1 -- 10 0 58.8 10 7 7 -- -- --
UNITS ns ns ns ns ns MHz
tpd tco tcf2 tsu th
fmax3
A A
76.9 100
-- --
58.8 62.5
-- --
MHz MHz
twh twl ten tdis
-- -- B B C C
5 5 1 1 1 1
-- -- 9 7 9 7
8 8 -- -- -- --
-- -- 10 10 10 10
ns ns ns ns ns ns
1) Refer to Switching Test Conditions section. 2) Calculated from fmax with internal feedback. Refer to fmax Descriptions section. 3) Refer to fmax Descriptions section.
Capacitance (TA = 25C, f = 1.0 MHz)
SYMBOL CI CI/O PARAMETER Input Capacitance I/O Capacitance MAXIMUM* 10 10 UNITS pF pF TEST CONDITIONS VCC = 5.0V, VI = 2.0V VCC = 5.0V, VI/O = 2.0V
*Characterized but not 100% tested.
3
Specifications GAL16V8D/883
Absolute Maximum Ratings(1)
Supply voltage VCC ...................................... -0.5 to +7V Input voltage applied .......................... -2.5 to VCC +1.0V Off-state output voltage applied ......... -2.5 to VCC +1.0V Storage Temperature ................................ -65 to 150C Case Temperature with Power Applied ........................................ -55 to 125C
1.Stresses above those listed under the "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress only ratings and functional operation of the device at these or at any other conditions above those indicated in the operational sections of this specification is not implied (while programming, follow the programming specifications).
Recommended Operating Conditions
Case Temperature (TC) .............................. -55 to 125C Supply voltage (VCC) with Respect to Ground ..................... +4.50 to +5.50V
DC Electrical Characteristics
Over Recommended Operating Conditions (Unless Otherwise Specified) SYMBOL PARAMETER Input Low Voltage Input High Voltage Input or I/O Low Leakage Current Input or I/O High Leakage Current Output Low Voltage Output High Voltage Low Level Output Current High Level Output Current Output Short Circuit Current Operating Power Supply Current VCC = 5V VOUT = 0.5V TA= 25C L -15/ -20/-30 0V VIN VIL (MAX.) 3.5V VIN VCC IOL = MAX. Vin = VIL or VIH IOH = MAX. Vin = VIL or VIH CONDITION MIN.
Vss - 0.5
TYP.2 -- -- -- -- -- -- -- -- -- 75
MAX. 0.8 Vcc+1
UNITS V V A A V V mA mA mA mA
VIL VIH IIL IIH VOL VOH IOL IOH IOS1 ICC
2.0 -- -- -- 2.4 -- -- -30 --
-10
10 0.5 -- 12 -2 -150 130
VIL = 0.5V VIH = 3.0V ftoggle = 15MHz Outputs Open
1) One output at a time for a maximum duration of one second. Vout = 0.5V was selected to avoid test problems caused by tester ground degradation. Characterized but not 100% tested. 3) Typical values are at Vcc = 5V and TA = 25 C
4
Specifications GAL16V8D/883
AC Switching Characteristics
Over Recommended Operating Conditions TEST DESCRIPTION COND1. A A -- -- -- A Input or I/O to Combinational Output Clock to Output Delay Clock to Feedback Delay Setup Time, Input or Feedback before Clock Hold Time, Input or Feedback after Clock Maximum Clock Frequency with External Feedback, 1/(tsu + tco) Maximum Clock Frequency with Internal Feedback, 1/(tsu + tcf) Maximum Clock Frequency with No Feedback Clock Pulse Duration, High Clock Pulse Duration, Low Input or I/O to Output Enabled OE to Output Enabled Input or I/O to Output Disabled OE to Output Disabled -15 -20 -30 UNITS ns ns ns ns ns MHz
PARAMETER
MIN. MAX. MIN. MAX. MIN. MAX. 3 2 -- 12 0 41.6 15 12 12 -- -- -- 3 2 -- 15 0 33.3 20 15 15 -- -- -- 3 2 -- 25 0 22.2 30 20 20 -- -- --
tpd tco tcf2 tsu th
fmax3
A A
41.6 50
-- --
33.3 41.6
-- --
22.2 33.3
-- --
MHz MHz
twh twl ten tdis
-- -- B B C C
10 10 -- -- -- --
-- -- 15 15 15 15
12 12 -- -- -- --
-- -- 20 18 20 18
15 15 -- -- -- --
-- -- 30 25 30 25
ns ns ns ns ns ns
1) Refer to Switching Test Conditions section. 2) Calculated from fmax with internal feedback. Refer to fmax Descriptions section. 3) Refer to fmax Descriptions section.
Capacitance (TA = 25C, f = 1.0 MHz)
SYMBOL CI CI/O PARAMETER Input Capacitance I/O Capacitance MAXIMUM* 10 10 UNITS pF pF TEST CONDITIONS VCC = 5.0V, VI = 2.0V VCC = 5.0V, VI/O = 2.0V
*Characterized but not 100% tested.
5
Specifications GAL16V8/883
Switching Waveforms
INPUT or I/O FEEDBACK
VALID INPUT
tsu
INPUT or I/O FEEDBACK
th
CLK
VALID INPUT
tco
REGISTERED OUTPUT 1/fmax (external fdbk)
tpd
COMBINATIONAL OUTPUT
Combinatorial Output
Registered Output
INPUT or I/O FEEDBACK
OE
tdis
COMBINATIONAL OUTPUT
ten
REGISTERED OUTPUT
tdis
ten
Input or I/O to Output Enable/Disable
OE to Output Enable/Disable
twh
CLK 1/fmax (w/o fb)
twl
CLK 1/fmax (internal fdbk)
tcf
REGISTERED FEEDBACK
tsu
Clock Width
fmax with Feedback
6
Specifications GAL16V8/883
fmax Descriptions
CLK
LOGIC ARRAY
REGISTER
CLK
tsu
tco
LOGIC ARRAY
REGISTER
fmax with External Feedback 1/(tsu+tco)
Note: fmax with external feedback is calculated from measured tsu and tco.
CLK
tcf tpd
fmax with Internal Feedback 1/(tsu+tcf)
LOGIC ARRAY REGISTER
tsu + th
fmax with No Feedback
Note: fmax with no feedback may be less than 1/(twh + twl). This is to allow for a clock duty cycle of other than 50%.
Note: tcf is a calculated value, derived by subtracting tsu from the period of fmax w/internal feedback (tcf = 1/fmax - tsu). The value of tcf is used primarily when calculating the delay from clocking a register to a combinatorial output (through registered feedback), as shown above. For example, the timing from clock to a combinatorial output is equal to tcf + tpd.
Switching Test Conditions
Input Pulse Levels Input Rise and Fall Times Input Timing Reference Levels Output Timing Reference Levels Output Load GND to 3.0V 3ns 10% - 90% 1.5V 1.5V See Figure
FROM OUTPUT (O/Q) UNDER TEST TEST POINT +5V
R1
3-state levels are measured 0.5V from steady-state active level. Output Load Conditions (see figure) Test Condition A B C Active High Active Low Active High Active Low R1 390 390 390 R2 750 750 750 750 750 CL 50pF 50pF 50pF 5pF 5pF
R2
C L*
*C L INCLUDES TEST FIXTURE AND PROBE CAPACITANCE
7
Specifications GAL16V8/883
GAL16V8 Ordering Information (MIL-STD-883 and SMD)
Ordering # Tpd (ns)
7.5
Tsu (ns)
7
Tco (ns)
6
Icc (mA)
13 0 130
Package
20-Pin CERDIP 20-Pin LCC 20-Pin CERDIP 20-Pin LCC 20-Pin CERDIP 20-Pin LCC 20-Pin CERDIP 20-Pin LCC 20-Pin CERDIP
MIL-STD-883
GAL16V8D-7LD/883 GAL16V8D-7LR/883 GAL16V8D-10LD/883 GAL16V8D-10LR/883 GAL16V8D-15LD/883 GAL16V8D-15LR/883 GAL16V8D-20LD/883 GAL16V8D-20LR/883 GAL16V8D-30LD/883
SMD #
5962-8983907RA 5962-89839072A 5962-8983904RA 5962-89839042A 5962-8983903RA 5962-89839032A 5962-8983902RA 5962-89839022A 5962-8983901RA
10
10
7
13 0 130
15
12
12
130 130
20
15
15
130 130
30
25
20
130
Note: Lattice Semiconductor recognizes the trend in military device procurement towards using SMD compliant devices, as such, ordering by this number is recommended.
Part Number Description
XXXXXXXX _ XX X XX
GAL16V8D Device Name
MIL Process /883 = 883 Process
Speed (ns) L = Low Power Power
Package D = CERDIP R = LCC
8


▲Up To Search▲   

 
Price & Availability of GAL16V8D-10LD833

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X